Part Number Hot Search : 
2SD1227M MBI10 2SC2932 4665000 TA0449A IRG7PH 1N2432 D1246
Product Description
Full Text Search
 

To Download SELT1WA13CM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5-1-1 Unicolor lamps
5 Inverted-Cone LEDs (for lighting-panels and illumination)
SEL1013M Series
Forward Voltage Luminous Intensity Peak Wavelength Dominant Wavelength Spectrum Half Bandwidth Iv P d Conditions Conditions Conditions Conditions Conditions VF (nm) (nm) (nm) (mcd) IF (mA) IF (mA) IF (mA) IF (mA) IF (mA) (V) TYP MAX TYP TYP TYP TYP 3.6 4.0 20 10 20 468 20 470 20 30 20 3.1 4.0 20 40 20 458 20 465 20 25 20 3.1 4.0 20 200 20 Chromaticity: x=0.300, y=0.295 3.1 4.0 20 180 20 Chromaticity: x=0.452, y=0.412 3.1 4.0 20 180 20 Chromaticity: x=0.170, y=0.365 3.1 4.0 20 220 20 Chromaticity: x=0.356, y=0.289 3.1 4.0 20 180 20 Chromaticity: x=0.200, y=0.300 3.1 4.0 20 280 20 Chromaticity: x=0.260, y=0.460 3.1 4.0 20 200 20 Chromaticity: x=0.382, y=0.268 3.1 4.0 20 150 20 Chromaticity: x=0.421, y=0.221 Chip Material GaN on Si InGaN InGaN InGaN InGaN InGaN InGaN InGaN InGaN InGaN
Part Number
Emitting Color Blue Blue White Bulb Light Fancy blue green Light pink Light blue green Fancy green Fancy pink Fancy red purple
Lens Color Water clear Water clear Water clear Water clear Water clear Water clear Water clear Water clear Water clear Water clear
SELK1E13CM-D High luminosity SELT1E13CM SELT1WA13CM SELT1WC13CM SELT1WD13CM SELT1WE13CM SELT1WF13CM SELT1WH13CM SELT1WJ13CM SELT1WK13CM
Directional Characteristics (representative example)
External Dimensions
(Unit: mm)
Dimensional Tolerance: 0.3
o5.0
30 60
30
5.0 (1.0)
MAX. 0.65 0.5 0.5
MIN 1.0
90 100%
50
0
50
90 100%
MIN 19.0
60
5.8
0
(2.54)
Product Mass: Approx. 0.27 g
234
LEDs
o5.6
5-1 Visible Light LEDs
Absolute Maximum Ratings
Visible Light Unicolor Lamp
Parameter PD IF IF IFP VR Top Tstg Unit mW mA mA/C mA V C C Ratings GaP GaAsP 75 30 -0.45 100 3 -30 to +85 -30 to +100 5 -30 to +80 70 GaAlAs AlGaInP InGaN 120 25C or higher f=1kHz, tw100 s GaN Conditions
Visible Light Bicolor Lamp
Parameter PD IF IF IFP VR Top Tstg Unit mW mA mA/C mA V C C GaP GaAsP 75 Ratings GaAlAs 30 -0.45 100 4 -30 to +85 -30 to +100 5 AlGaInP InGaN 120 Conditions Same conditions for simultaneous lighting 25C or higher f=1kHz, tw100 s
Visible Light Unicolor Surface Mount LEDs
Parameter IF IF IFP VR Top Tstg Unit mA mA/C mA V C C Ratings GaP GaAsP 30 -0.45 100*1 3 -30 to +85 -30 to +100 5 -30 to +80 *1: 70mA for SEC1005/1007 Series *2: 50mA for SEC1005/1007 Series GaAlAs AlGaInP InGaN 20 -0.27 70*2 GaN Conditions
25C or higher f=1kHz, tw100 s
Visible Light Bicolor Surface Mount LEDs
Ratings Parameter PD IF IF IFP VR Top Tstg Unit mW mA mA/C mA V C C SEC2002/2004 75 (Same conditions for simultaneous lighting) 30 -0.45 70 4 -30 to +85 -30 to +100 Conditions
25C or higher f=1kHz, tw100 s
Visible Light Three Element Surface Mount LEDs
Parameter Unit Red PD IF IF IFP VR Top Tstg mW mA mA/C mA V C C 75 30 -0.45 70 5 -30 to +80 -30 to +100 50 Ratings SECT3M02C-S Green/Blue 120 When one chip lights up (same as green/blue for simultaneous lighting) 25C or higher f=1kHz, tw100 s Conditions
218
LEDs


▲Up To Search▲   

 
Price & Availability of SELT1WA13CM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X